Part Number Hot Search : 
LT176 LPU455B 8206B B2405S 00103 TCRC0912 TCRC0912 Z5240
Product Description
Full Text Search
 

To Download NTE2300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2300 Silicon NPN Transistor High Voltage, Horizontal Output
Description: The NTE2300 is a silicon NPN transistor in a TO3P type package designed for use in large screen color TV deflection circuits. Features: D High Breakdown Voltage and High Reliability D High Switching Speed Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16A Collector Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Charactertistics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current-Gain Bandwidth Product Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Fall Time Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) Test Conditions VCB = 800V, IE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 1A VCE = 10V, IC = 1A IC = 4A, IB = 0.8A IC = 4A, IB = 0.8A Min - - 8 - - - 1500 800 7 - Typ - - - 3 - - - - - - Max 10 1 - - 5.0 1.5 - - - 0.4 MHz V V V V V s Unit A mA
V(BR)CBO IC = 5mA, IE = 0 V(BR)CEO IC = 100mA, RBE = V(BR)EBO IE = 200mA, IC = 0 tf IC = 4A, IB1 = 0.8A, IB2 = -1.6A
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X